Part Number Hot Search : 
A511RHI V30100C 300192Z LL4934G 250020 SE1086 BZX79C75 DM74AL
Product Description
Full Text Search
 

To Download 380AT099XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Shield Termination Backshell with Self-Locking Coupling Nut and Strain Relief
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight W - 90 Elbow T - 45 Elbow Product Series 380 - EMI/RFI Non Environmental Backshells with Strain Relief Strain Relief Style C - Clamp N - Nut
380-099 Composite Cone and Ring Style
Composite Backshells
A
A F L H G U
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A
Finish Symbol (See Table III)
Basic Part Number
Cable Entry (See Table IV)
380
H
S
099
XM
19
20
C
B
SELF-LOCKING
ROTATABLE COUPLING STANDARD PROFILE
Anti-Decoupling Device
Connector Designator A, F, L, H, G and U
Connector Shell Size (See Table II)
C
1.25 (31.8)
F .69 (17.5) Max. E
D
Cable Range Typical
H G
Clamp
Nut J
.13 (3.3) Max.
E
F
Shell Size For Connector Designator A F/L H G U .06 .69 08 08 09 - - .75 10 10 11 - 08 .81 12 12 13 11 10 .88 14 14 15 13 12 .94 16 16 17 15 14 .97 18 18 19 17 16 20 20 21 19 18 1.06 22 22 23 - 20 1.13 24 24 25 23 22 1.19 28 - - 25 24 1.34
TABLE II: CONNECTOR SHELL SIZE E (1.5) .09 (2.3) .09 .88 (22.4) 1.19 (17.5) (19.1) 1.00 (25.4) 1.25 (20.6) 1.13 (28.7) 1.31 (22.4) 1.31 (33.3) 1.38 (23.9) 1.38 (35.1) 1.44 (24.6) 1.44 (36.6) 1.47 (26.9) 1.63 (41.4) 1.56 (28.7) 1.75 (44.5) 1.63 (30.2) 1.88 (47.8) 1.69 (34.0) 2.13 (54.1) 1.78 F G (2.3) (30.2) (31.8) (33.3) (35.1) (36.6) (37.3) (39.6) (41.4) (42.9) (45.2) Max Entry Dash No.** 10 12 14 16 20 20 22 24 28 32
TABLE III: FINISH
Symbol XM Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/ Olive Drab over Electroless Nickel
XMT
XW
G
**Consult factory for additional entry sizes available. See Introduction for additional connector front-end details. (c) 2009 Glenair, Inc. CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-46
EMI/RFI Shield Termination Backshell with Self-Locking Coupling Nut and Strain Relief Clamp
Anti-Decoupling Device K .130 (3.3) Max.
L Nut .690 (17.5) Max.
J
NOTES
1. 2. 3. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details. Metric dimensions (mm) are in parentheses and are for reference only Clamp Cable Range Typ.
H
TABLE II: CONNECTOR SHELL SIZE (CONT.) Shell Size For Connector Designator Max Entry K L H A & F/L Dash No. * .06 (1.5) .06 (1.5) 09 08 10 .72 (18.3) .88 (22.4) 11 10 12 .75 (19.1) .94 (23.9) 13 12 14 .75 (19.1) 1.00 (25.4) 15 14 16 .76 (19.3) 1.03 (26.2) 17 16 .78 (19.8) 1.06 (26.9) 20 19 18 .79 (20.1) 1.07 (27.2) 20 21 20 22 .82 (20.8) 1.09 (27.7) 23 22 24 .86 (21.8) 1.14 (29.0) 25 24 28 .92 (23.4) 1.17 (29.7) * Consult factory for additional entry sizes available. TABLE IV: CABLE ENTRY Cable Range * H J Maximum .06 (1.5) .06 (1.5) Minimum (6.4) .94 (23.9) .80 (20.3) .16 (4.0 ) .25 .38 (9.7) 1.17 (29.7) .93 (23.6) .29 (5.1) .44 (11.2) 1.28 (32.5) 1.06 (26.9) .40 (10.1) .63 (15.9) 1.41 (35.8) 1.22 (31.0) .52 (12.7) .69 (17.5) 1.50 (38.1) 1.24 (31.5) .58 (14.7) .75 (19.1) 1.56 (39.6) 1.37 (34.8) .64 (16.3) .88 (22.2) 1.69 (42.9) 1.49 (37.8) .72 (18.3) 1.81 (46.0) 1.62 (41.1) .79 (20.0) 1.00 (25.4) 1.91 (48.5) 1.68 (42.7) .89 (20.3) 1.13 (28.6) 2.02 (51.3) 1.82 (46.2) .96 (24.4) 1.25 (31.8) * Cable range equals diameter of cable outer jacket.
(c) 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
Dash No. 10 12 14 16 18 20 22 24 28 32
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-47
Composite Backshells
380-099 Composite Cone and Ring Style
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 380AT099XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X